Part Number Hot Search : 
BUL74A TOR037 5ZSXI TMP88 A1126 QEB36306 CM103 ST9028C1
Product Description
Full Text Search
 

To Download 5KP90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5KP5.0 thru 5KP110A 5000 W TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
DESCRIPTION These Microsemi 5 kW Transient Voltage Suppressors (TVSs) are designed for applications requiring protection of voltage-sensitive electronic devices that may be damaged by harsh or severe voltage transients including lightning per IEC61000-4-5 and classes with various source impedances described herein. This series is available in 5.0 to 110 volt standoff voltages (VWM) in both unidirectional and bidirectional offered in two different package designs for axial and radial configurations. Microsemi also offers numerous other TVS products to meet higher and lower power demands and special applications.
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
APPEARANCE CASE 5A (DO-204AR)
WWW . Microsemi .C OM
CASE 5R
FEATURES
* * Available in both Unidirectional and Bidirectional construction (Bidirectional with C or CA suffix) Available in both axial-leaded and radial packages (include R prefix in part number for radial package option shown in figure as "case 5R," ie . R5KP5.0A, R5KP28CA, 5KP110, etc.) Selections for 5.0 to 110 volts standoff voltages (VWM) Suppresses transients up to 5000 watts @ 10/1000 s and 34,000 watts @ 8/20 s (see Figure 1) Fast response Options for screening in accordance with MIL-PRF19500 for JAN, JANTX, JANTXV, and JANS are available by adding MQ, MX, MV, or MSP prefixes respectively to part numbers. Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
APPLICATIONS / BENEFITS
* Protection from switching transients and induced RF * Protection from ESD, and EFT per IEC 61000-4-2 and IEC 61000-4-4 * Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance: Class 1,2,3,4: 5KP5.0A to 5KP110A or CA Class 5: 5KP5.0A to 5KP110A or CA (short distance) Class 5: 5KP5.0A to 5KP36A or CA (long distance) * Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance: Class 1 & 2: 5KP5.0A to 5KP110A or CA Class 3: 5KP5.0A to 5KP78A or CA Class 4: 5KP5.0A to 5KP40A or CA * Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance: Class 2: 5KP5.0A to 5KP70A or CA Class 3: 5KP5.0 to 5KP36A or CA Class 4: 5KP5.0 to 5KP18A or CA
* * * *
*
MAXIMUM RATINGS
* Peak Pulse Power dissipation at 25 C: 5000 watts at 10/1000 s (also see Figures 1, 2 and 3) * Impulse repetition rate (duty factor): 0.05% * tclamping (0 volts to V(BR) min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional * Operating and Storage temperature: -65C to +150C * Thermal resistance: 20C/W junction to lead, or 80C/W junction to ambient when mounted on FR4 PC board with 4 mm2 copper pads (1oz) and track width 1 mm, length 25 mm * Steady-State Power dissipation: 6 watts at TL = 30oC, or 1.56 watts at TA = 25 C when mounted on FR4 PC board described for thermal resistance * Forward Surge Voltage: 3.5 V maximum @ 100 Amps 8.3 ms half-sine wave * Solder temperatures: 260 C for 10 s (maximum)
MECHANICAL AND PACKAGING
* CASE: Void-free transfer molded thermosetting epoxy body meeting UL94V-0 * TERMINALS: Tin-Lead plated readily solderable per MIL-STD-750, method 2026 * MARKING: Body marked with part number * POLARITY: Band denotes cathode. Bidirectional not marked for polarity * WEIGHT: 1.5 grams. * TAPE & Reel: Standard per EIA-296 for axial package (add "TR" suffix to part number) * See package dimensions on last page
5KP5.0 thru 5KP110A
Copyright 2002 6-09-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
5KP5.0 thru 5KP110A 5000 W TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS
REVERSE STAND-OFF VOLTAGE VWM (Note 1) VOLTS
5KP5.0 5KP5.0A 5KP6.0 5KP6.0A 5KP6.5 5KP6.5A 5KP7.0 5KP7.0A 5KP7.5 5KP7.5A 5KP8.0 5KP8.0A 5KP8.5 5KP8.5A 5KP9.0 5KP9.0A 5KP10 5KP10A 5KP11 5KP11A 5KP12 5KP12A 5KP13 5KP13A 5KP14 5KP14A 5KP15 5KP15A 5KP16 5KP16A 5KP17 5KP17A 5KP18 5KP18A 5KP20 5KP20A 5KP22 5KP22A 5KP24 5KP24A 5KP26 5KP26A 5KP28 5KP28A 5KP30 5KP30A 5KP33 5KP33A 5KP36 5KP36A 5KP40 5KP40A 5KP43 5KP43A 5KP45 5KP45A 5KP48 5KP48A 5KP51 5KP51A 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51
WWW . Microsemi .C OM
MICROSEMI PART NUMBER
BREAKDOWN VOLTAGE V(BR) V(BR) VOLTS @ I(BR) mA
50 50 50 50 50 50 50 50 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.5 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 46.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4
MAXIMUM STANDBY CURRENT ID @ VWM A
2000 2000 5000 5000 2000 2000 1000 1000 250 250 150 150 50 50 20 20 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
MAXIMUM PEAK PULSE CURRENT IPP (FIG. 3)
MAXIMUM TEMPERATURE COEFFICIENT VARIATION OF V(BR) V(BR) mV/ C
4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 6.0 6.0 6.0 6.0 7.0 7.0 8.0 8.0 9.0 9.0 10 10 11 11 12 12 13 13 15 15 18 16 19 18 20 19 24 22 27 24 30 27 33 29 34 30 38 35 41 38 45 40 50 45 54 49 57 51 62 55 65 60
A
520 543 439 485 407 447 378 417 350 388 333 367 314 347 295 325 266 294 249 274 227 251 210 232 194 215 188 206 176 192 164 181 155 172 139 154 127 141 116 128 107 119 99 110 93 103 85 94 78 86 70 78 65 72 62 69 58 65 55 61
6.40 - 7.30 6.40 - 7.00 6.67 - 8.15 6.67 - 7.37 7.22 - 8.82 7.22 - 7.98 7.78 - 9.51 7.78 - 8.60 8.33 - 10.2 8.33 - 9.21 8.89 - 10.9 8.89 - 9.83 9.44 - 11.5 9.44 - 10.4 10.0 - 12.2 10.0 - 11.1 11.1 - 13.6 11.1 - 12.3 12.2 - 14.9 12.2 - 13.5 13.3 - 16.3 13.3 - 14.7 14.4 - 17.6 14.4 - 15.9 15.6 - 19.1 15.6 - 17.2 16.7 - 20.4 16.7 - 18.5 17.8 - 21.8 17.8 - 19.7 18.9 - 23.1 18.9 - 20.9 20.0 - 24.4 20.0 - 22.1 22.2 - 27.1 22.2 - 24.5 24.4 - 29.8 24.4 - 26.9 26.7 - 32.6 26.7 - 29.5 28.9 - 35.3 28.9 - 31.9 31.1 - 38.0 31.1 - 34.4 33.3 - 40.7 33.3 - 36.8 36.7 - 44.9 36.7 - 40.6 40.0 - 48.9 40.0 - 44.2 44.4 - 54.3 44.4 - 49.1 47.8 - 58.4 47.8 - 52.8 50.0 - 61.1 50.0 - 55.3 53.3 - 65.1 53.3 - 58.9 56.7 - 69.3 56.7 - 62.7
5KP5.0 thru 5KP110A
Copyright 2002 6-09-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
5KP5.0 thru 5KP110A 5000 W TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
WWW . Microsemi .C OM
MICROSEMI PART NUMBER
REVERSE STAND-OFF VOLTAGE VWM (Note 1) VOLTS
BREAKDOWN VOLTAGE V(BR) V(BR) VOLTS @ I(BR) mA
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS
96.3 87.1 103.0 93.6 107.0 96.8 114.0 103.0 125 113 134 121 139 126 151 137 160 146 179 162 196 177
MAXIMUM STANDBY CURRENT ID @ VWM A
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
MAXIMUM PEAK PULSE CURRENT IPP (FIG. 3)
MAXIMUM TEMPERATURE COEFFICIENT VARIATION OF V(BR) V(BR) mV/ C
70 64 77 69 79 70 85 75 93 84 100 90 104 94 113 102 120 109 134 122 147 132
A
52 57 49 53 47 52 44 49 40 44 37 41 36 40 33 36 31 34 28 31 26 28
5KP54 5KP54A 5KP58 5KP58A 5KP60 5KP60A 5KP64 5KP64A 5KP70 5KP70A 5KP75 5KP75A 5KP78 5KP78A 5KP85 5KP85A 5KP90 5KP90A 5KP100 5KP100A 5KP110 5KP110A
54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110
60.0 - 73.3 60.0 - 66.3 64.4 - 78.7 64.4 - 71.2 66.7 - 81.5 66.7 - 73.7 71.1 - 86.9 71.1 - 78.6 77.8 - 95.1 77.8 - 86.0 83.3 - 102.0 83.3 - 92.1 86.7 - 106.0 86.7 - 95.8 94.4 - 115.0 94.4 - 104.0 100 - 122 100 - 111 111 - 136 111 - 123 122 - 149 122 - 135
NOTE 1: Transient Voltage Suppressors are normally selected with reverse "Stand Off Voltage" VWM which should be equal to or greater than the dc or continuous peak operating voltage level. NOTE 2: For bidirectional construction, indicate a C or CA suffix after the part number.
Symbol
VWM PPP V(BR) ID
Definition
SYMBOLS & DEFINITIONS Symbol
IPP
VC
Definition
Working Peak (Standoff) Voltage Peak Pulse Power Breakdown Voltage Standby Current
I(BR)
Peak Pulse Current Clamping Voltage Breakdown Current for V(BR)
5KP5.0 thru 5KP110A
Copyright 2002 6-09-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
5KP5.0 thru 5KP110A 5000 W TRANSIENT VOLTAGE SUPPRESSOR
SCOTTSDALE DIVISION
GRAPHS
WWW . Microsemi .C OM
PPP Peak Pulse Power - kW
tp - Pulse Time - sec
Test waveform parameters: tr=10 s, tp=1000 s
FIGURE 1 Peak Pulse Power vs. Pulse Time to 50% of Exponentially Decaying Pulse
FIGURE 2 Pulse Waveform
PACKAGE DIMENSIONS
C - Capacitance - pico farads
CASE 5A
V(BR) Breakdown Voltage - Volts
CASE 5R
NOTE: Dimensions are in inches.
FIGURE 3 Typical Capacitance vs Breakdown Voltage
5KP5.0 thru 5KP110A
Copyright 2002 6-09-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 4


▲Up To Search▲   

 
Price & Availability of 5KP90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X